Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS88C4404 Datasheet(PDF) 7 Page - Samsung semiconductor

No. de pieza KS88C4404
Descripción Electrónicos  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C4404 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KS88C4404 Datasheet HTML 3Page - Samsung semiconductor KS88C4404 Datasheet HTML 4Page - Samsung semiconductor KS88C4404 Datasheet HTML 5Page - Samsung semiconductor KS88C4404 Datasheet HTML 6Page - Samsung semiconductor KS88C4404 Datasheet HTML 7Page - Samsung semiconductor KS88C4404 Datasheet HTML 8Page - Samsung semiconductor KS88C4404 Datasheet HTML 9Page - Samsung semiconductor KS88C4404 Datasheet HTML 10Page - Samsung semiconductor KS88C4404 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
KS88C4404 MICROCONTROLLER
PRODUCT OVERVIEW
1–7
PIN DESCRIPTIONS
Table 1–1. KS88C4404 Pin Descriptions
Pin
Name
Pin
Type
Pin
Description
Circuit
Type
QFP Pin
Number
Share
Pins
P0.0 - P0.7
I/O
Nibble programmable port; input or output mode
selected by software; Schmitt trigger input or push-
pull, open-drain output with software assignable
pull-ups; alternately configurable as external
interface address lines A8 - A15.
3
2, 1,
80-75
A8 - A15
P1.0 - P1.7
I/O
Same general characteristics as port 0; alternately
configurable as external interface address/data lines
AD0 - AD7.
3
73-66
AD0 - AD7
P2.0 - P2.7
I/O
General I/O port with Schmitt trigger input or push-
pull output. bit programmable;
P2.0 / Address Strobe (AS)
P2.1 / Data Strobe (DS)
P2.2 / Memory Write (MW)
P2.3 / Data Memory select (DM)
P2.4 / Memory Read (MR)
P2.5 / Program Memory select (PM)
P2.6 / timer A output (TA)
P2.7 / timer B output (TB)
5
19 - 12
AS, DS, MW,
DM, MR,
PM
, TA, TB
P3.0 - P3.7
I/O
General I/O port with bit programmable pins.
Schmitt trigger input or push-pull output with
software assignable pull-ups. Input or output mode
is selectable by software. P3.0 - P3.3 are alternately
used as inputs for external interrupts INT0-INT3,
respectively (with noise filters and interrupt control):
P3.0 / timer C clock input (TCCK) / INT0
P3.1 / timer D clock input (TDCK) / INT1
P3.2 / timer C gate input (TCG) / INT2
P3.3 / timer D gate input (TDG) / INT3
P3.6 / Capture data input (CAP)
P3.7 /
for slow memory interface
4
24-31
(See pin
description)
P4.0 - P4.7
I/O
General I/O port with bit programmable pins.
Schmitt trigger input or push-pull, open-drain output
with software assignable pull-ups. Input or output
mode is selectable by software. P4.0-P4.7 can
alternately be used as inputs for external interrupts
INT4-INT11, respectively (with noise filters and
interrupt control)
4
33-40
INT4 -
INT11


Número de pieza similar - KS88C4404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C4504 SAMSUNG-KS88C4504 Datasheet
293Kb / 36P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4632 SAMSUNG-KS88C4632 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4708 SAMSUNG-KS88C4708 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
KS88C4716 SAMSUNG-KS88C4716 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results

Descripción similar - KS88C4404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C4708 SAMSUNG-KS88C4708 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com