Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4404 Datasheet(PDF) 18 Page - Samsung semiconductor

No. de Pieza. KS88C4404
Descripción  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4404 Datasheet(HTML) 18 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ELECTRICAL DATA
KS88C4404 MICROCONTROLLER
16–2
Table 16–1. Absolute Maximum Ratings
(TA = 25°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
– 0.3 to +7.0
V
Input voltage
VI1
Port 6 only (open-drain)
– 0.3 to +10
V
VI2
All ports except port 6
– 0.3 to VDD + 0.3
Output voltage
VO
– 0.3 to VDD + 0.3
V
Output current
high
I OH
One I/O pin active
– 18
mA
All I/O pins active
– 60
Output current
low
I OL
One I/O pin active
30
mA
Total pin current for ports 0, 2, 3, 4, 6
100
Total pin current for ports 1 and 5
200
Operating
temperature
TA
– 20 to + 85
°C
Storage
temperature
TSTG
– 65 to + 150
°C
Table 16–2. D.C. Electrical Characteristics
(TA = – 20°C to + 85°C, VDD = 4.5 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input high
VIH1
All input pins except VIH2
0.8 VDD
VDD
V
voltage
VIH2
XIN
VDD – 0.5
Input low voltage
VIL1
All input pins except VIL2
0.2 VDD
V
VIL2
XIN
0.4
Output high
voltage
VOH1
VDD = 4.5 V to 5.5 V
IOH = – 1 mA
Port 1 only
VDD – 1.0
V
VOH2
VDD = 4.5 V to 5.5V
IOH = – 200 µA
All output pins except port 1
VDD – 1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn