Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4404 Datasheet(PDF) 22 Page - Samsung semiconductor

No. de Pieza. KS88C4404
Descripción  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4404 Datasheet(HTML) 22 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ELECTRICAL DATA
KS88C4404 MICROCONTROLLER
16–6
Table 16–6. A/D Converter Electrical Characteristics
(TA = – 20°C to + 85°C, VDD = 4.5 V to 6.0 V, VSS = 0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
8
8
8
bit
Absolute
accuracy (1)
VDD = 5.12 V
CPU clock = 18 MHz
AVREF = 5.12 V
AVSS = 0 V
| 3 |
LSB
Conversion
time (2)
tCON
tCPU ×
192 (3)
µs
Analog reference
voltage
AVREF
2.56
VDD
V
Analog ground
AVSS
VSS
V
Analog input
voltage
VIAN
AVSS
AVREF
V
Analog input
impedance
RAN
2
M
NOTES:
1.
Excluding quantization error, absolute accuracy equals
± 1/2 LSB.
2.
'Conversion time' is the time required from the moment a conversion operation starts until it ends.
3.
tCPU is the CPU clock period.
Table 16–7. Serial Port Timing Characteristics in Mode 0 (10 MHz)
(TA = – 20°C to + 85°C, VDD = 4.5 V to 6.0V, VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Serial port clock cycle time
tSCK
500
tCPU × 6
700
ns
Output data setup to clock rising edge
tS1
300
tCPU × 5
Clock rising edge to input data valid
tS2
300
Output data hold after clock rising edge
tH1
50
tCPU
Input data hold after clock rising edge
tH2
0
Serial port clock high, low width
tHIGH,
tLOW
200
tCPU × 3
400
NOTES:
1.
All times are in ns and assume a 10 MHz input frequency.
2.
The unit tCPU means one CPU clock period.
3.
The oscillator frequency is identical to the CPU clock frequency.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn