Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4404 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de Pieza. KS88C4404
Descripción  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C4404 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS88C4404 Hoja de datos HTML 1Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 2Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 3Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 4Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 5Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 6Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 7Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 8Page - Samsung semiconductor KS88C4404 Hoja de datos HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
KS88C4404 MICROCONTROLLER
PRODUCT OVERVIEW
1–3
FEATURES
CPU
SAM8 CPU core
Memory
1040-byte of internal register file
4-kbyte internal program memory area
External Interface
64-Kbyte external data memory area
64-Kbyte external program memory (ROMless)
60-Kbyte external program memory (normal)
Instruction Set
78 instructions
IDLE and STOP instructions
Instruction Execution Time
240 ns at 25 MHz fOSC (minimum)
Interrupts
20 interrupt sources and 19 interrupt vectors
Seven interrupt levels
Fast interrupt processing (level0 and 3-7 only)
Timer/Counters
Two 8-bit timers with interval timer or PWM
mode (timers A and B)
Two 16-bit timer/counters with four
programmable operating modes (timers C and
D)
General I/O
Six 8-bit general I/O ports (ports 0,1,2,3,4, and
5)
One 8-bit n-channel, open-drain output port
(port 6)
One 8-bit input port (for ADC input or port 7
digital input)
Serial Port
Full-duplex serial data port (UART)
Four programmable operating modes
PWM and Capture
Two output channels (PWM0, PWM1)
8-bit resolution with 2-bit prescaler
97.66-kHz frequency (25-MHz CPU clock)
Capture module with CAP input pin
Analog-to-Digital Converter
Eight analog input pins
8-bit conversion resolution
7.68-µs conversion speed (25-MHz CPU clock)
Operating Temperature Range
– 20°C to + 85°C
Operating Voltage Range
4.5 V to 5.5 V
Package Type
80-pin QFP, 80–pin TQFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn