Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4504 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C4504
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4504 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
PRODUCT OVERVIEW
KS88C4504/P4504
1-6
PIN DESCRIPTIONS
Table 1-1. KS88C4504/P4504 Pin Descriptions
Pin
Name
Pin
Type
Pin Description
Circuit
Type
Pin
Number
Share
Pins
P0.0–P0.7
I/O
Bit programmable port; input or output mode
selected by software; normal input or push-pull
output with software assignable pull-up (P0.0–
P0.3) or pull-down (P0.4–P0.7). Alternately,
P0.4–P0.7 can be use as a ADC input port with
8-bit resolution.
2, 3
56–54,
51, 49–46
ADC0–
ADC3
P1.0–P1.7
I/O
Bit programmable port; input or output mode
selected by software; normal input or push-pull
output with software assignable pull-up. P1.5–
P1.7 can be used as a synchronous SIO port
P1.5/SI
P1.6/SO
P1.7/SCK
3
45–38
SI, SO, SCK
P2.0–P2.7
I/O
General I/O port with normal input or push-pull
output with software; assignable pull-up. Bit
programmable.
Alternately, P2.0–P2.7 can be used as inputs for
external interrupts, INT0–INT7 (with noise filter
and interrupt control). INT0/INT1 is level
interrupts.
4
37–30
INT0–INT7
P3.0–P3.7
I/O
General I/O port with bit programmable pins.
Normal input or push-pull output with software
assignable pull-up. Input or output mode is
selectable by software. Respectively, each pin
can serve as (with noise filters):
P3.0/timer D clock input (TDCK)
P3.1/timer C clock input (TCCK)
P3.2/timer D capture input (TDCAP)
P3.3/timer C capture input (TCCAP)
P3.4/timer C out (TCOUT)/PWM out (TCPWM)
P3.5/timer D out (TDOUT)/PWM out (TDPWM)
P3.6/PWM0 output port
P3.7/PWM1 output port
3, 5
29–22
TDCK
TCCK
TDCAP
TCCAP
TDOUT/
TDPWM
TCOUT/
TCPWM
PWM0
PWM1
P4.0–P4.7
I/O
General I/O port with bit programmable pins.
Normal input or push-pull output with software
assignable pull-up. Input or output mode is
selectable by software. P4.0–P4.7 can alternately
be used as inputs for embedded chip selection
output.
P4.4/CS0
P4.5/CS1
P4.6/CS2
P4.7/CS3
3, 5
21, 20, 18,
17, 11–8
CS0–CS3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn