Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4504 Datasheet(PDF) 7 Page - Samsung semiconductor

No. de Pieza. KS88C4504
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4504 Datasheet(HTML) 7 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
KS88C4504/P4504
PRODUCT OVERVIEW
1-7
Table 1-1. KS88C4504/P4504 Pin Descriptions (Continued)
Pin
Name
Pin
Type
Pin
Description
Circuit
Type
QFP Pin
Number
Share
Pins
P5.0–P5.1
I/O
General I/O port with bit programmable
pins. Normal input or push-pull, output
mode. Alternately It can use as external
interface control signal P5.0/WAIT signal
5
7
WAIT
ADC0–ADC3
I
Analog input pins for A/D converter
module. Alternatively used as general-
purpose I/O
2
49–46
P0.4–P0.7
AVREF
A/D converter reference voltage
AVSS is connected to ground internally
50
PWM0, PWM1
O
Pulse width modulation output pins
5
23,22
P3.6
P3.7
INT0–INT7
I
External interrupt input pins
4
37–30
P2.0–P2.7
TCCK, TDCK
I
External clock input for timer C and timer D
3
28,29
P3.1/P3.0
TCCAP,TDCAP
I
Timer C/ timer D capture input
3
26,27
P3.3/P3.2
WAIT
I
Input pin for the slow memory timing signal
from the external interface
5
7
P5.0
RESET
I
System reset pin (pull-up resistor: 240 k
Ω)
1
19
EA
I
5V: ROMless operating
0V: internal 4K and external 60K
addressing mode
16
VDD1, VSS1
Power input pins for CPU operation
(internal) and Power input for OTP writing
12,13
VDD2, VSS2
Power input pins for port output (external)
53,52
XIN, XOUT
Main oscillator pins
15,14
SI,SO,SCK
I/O
synchronous SIO communication port
3
40,39,38
P1.5/P1.6
P1.7
A0–A15
O
Address output for external device
6
65–80
D0–D7
I/O
Data I/O for external device
7
57–64
PM,DM
O
External memory selection output
1,2
RD,WR
O
Memory read/write output
3,4
CS0–CS3
O
Embedded chip selection output
5
11–8
P4.4–P4.7
TCOUT,TDOUT
O
16-bit timer PWM mode output
5
25,24
P3.4, P3.5
VLD
Voltage Level Detect Pin
5
NOTE: VDD1 must be connected to VDD2 in users application circuit, VSS1 & VSS2 also.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn