Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4504 Datasheet(PDF) 1 Page - Samsung semiconductor

No. de Pieza. KS88C4504
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4504 Datasheet(HTML) 1 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
KS88C4504/P4504
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87 RC PRODUCT FAMILY
Samsung's new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a
wide range of integrated peripherals, and various mask-programmable ROM sizes. Timer/counters with selectable
operating modes are included to support real-time operations. Many SAM87RC microcontrollers have an external
interface that provides access to external memory and other peripheral devices. The sophisticated interrupt
structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors.
Fast interrupt processing (within a minimum six CPU clocks) can be assigned to specific interrupt levels.
KS88C4504 MICROCONTROLLER
The KS88C4504 single-chip microcontroller is fabricated using a highly advanced CMOS process. Its design is
based on the powerful SAM87RC CPU core. Stop and Idle power-down modes were implemented to reduce
power consumption. The size of the internal register file is logically expanded, increasing the addressable on-chip
register space to 1040 bytes. A flexible yet sophisticated external interface is used to access up to 64-Kbytes of
program and data memory.
The KS88C4504 is a versatile microcontroller that is ideal for use in a wide range of
general-purpose applications such as CD-ROM/DVD-ROM drives.
Using the SAM87RC modular design approach, the following peripherals were integrated with the SAM87RC
CPU core:
— Five configurable 8-bit general I/O ports
— One 2-bit general I/O ports
— Full-duplex serial data port with one synchronous operating modes
— Two 8-bit timers with interval timer
— Two 16-bit timers/counters with PWM operating modes or capture modes
— One voltage level detector pin
— Four embedded chip selection pins (CS0–CS4) or normal I/O ports
— Two programmable 8-bit PWM modules with corresponding output pins
— A/D converter with 4 selectable input pins
OTP
The KS88C4504 microcontroller is also avaiable in OTP(One Time Programmable) version, KS88P4504
The KS88P4504 microcontroller has an on-chip 4K-byte one-time-programable EPROM instead of masked ROM.
The KS88P4504 is comparable To KS88C4504, both in function and in pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn