Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4504 Datasheet(PDF) 17 Page - Samsung semiconductor

No. de Pieza. KS88C4504
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4504 Datasheet(HTML) 17 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
KS88C4504/P4504
ELECTRICAL DATA
18-3
Table 18-2. D.C. Electrical Characteristics
(TA = – 40°C to + 85°C, VDD = 2.7 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating voltage
VDD
FOSC = 25 MHz
(instruction clock = 6.25 MHz)
4.5
5.5
V
FOSC = 12 MHz
(instruction clock = 3 MHz)
2.7
5.5
Input high
voltage
VIH1
All input pins except VIH2
0.51 VDD
VDD
V
VIH2
XIN
VDD – 0.5
Input low voltage
VIL1
All input pins except VIL2
0.2 VDD
V
VIL2
XIN
0.4
Output high
voltage
VOH
VDD= 5 V
IOH = – 1 mA
VDD – 1.0
V
IOH = – 100 uA
VDD – 0.5
Output low voltage
VOL1
VDD = 5 V
IOL = 2 mA
All output pins except port 2
0.4
V
VOL2
VDD = 5 V
IOL = 15 mA, port 2
0.5
1.0
Input high leakage
current
ILIH1
VIN = VDD
All input pins except XIN
3
µA
ILIH2
VIN = VDD
XIN
20
Input low leakage
current
ILIL1
VIN = 0 V
All input pins except XIN and
RESET
– 3
ILIL2
VIN = 0 V,
XIN, RESET
– 20
Output high
leakage current
ILOH
VOUT = VDD
All I/O pins and output pins
5
Output low leakage
current
ILOL
VOUT = 0 V
All I/O pins and output pins
– 0
– 5
Pull-up and pull-
down resistor
RL1
VIN = 0 V; VDD = 5 V ± 10%
Ports 0–5, TA = 25 °C
30
46
80
K
RL2
VIN = 0 V; VDD = 5 V ± 10%
TA = 25 °C, RESET only
120
240
320


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn