Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4504 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de Pieza. KS88C4504
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C4504 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS88C4504 Hoja de datos HTML 1Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 2Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 3Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 4Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 5Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 6Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 7Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 8Page - Samsung semiconductor KS88C4504 Hoja de datos HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
KS88C4504/P4504
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
Port 0
Port I/O
& Interrupt
Control
SAM87 RC
CPU
A8–A15
RESET
Port 5
Port 1
External Interface Block
D0–D7
A0–A7
EA
Port 2
Timers
A and B
Serial
Port
SO
SI
SCK
Port 3
Timers
C and D
P5.1
P5.0(WAIT )
SAM8 BUS
A/D
Converter
ADC0 /P0.4 –
ADC3 /P0.7
AVSS
AVREF
PWM
Module
PWM0
PWM1
SAM8 BUS
TCCK
TDCK
TCOUT
TDOUT
VDD1
VDD2
,VSS1
,VSS2
EXTERNAL ADDRESS/DATA
1040-Byte
Register File
P0.0–P0.3
P0.4–P0.7/
ADC0–ADC3
4-Kbyte
ROM
Watchdog
time r
P1.0–P1.4
P1.5–P1.7/
SI, SO, SCK
P2.0–P2.7/
INT0–INT7
P3.0–P3.7/
TDCK, TCCK
TDCAP, TCCAP
TCOUT, TDOUT
PWM0, PWM1
(Internal)
Port 4/
Chip
selection
Logic
P4.0–P4.7/
CS0–CS4
Figure 1-1. KS88C4504 Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn