Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4616 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C4616
Descripción  new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
Descarga  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4616 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRODUCT OVERVIEW
KS88C4616/C4632/P4632
1-6
Table 1-1. KS88C4616/C4632 Pin Descriptions
Pin
Name
Pin
Type
Pin Description
Circuit
Number
Pin
Number
Share
Pins
P0.0–P0.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull, open-drain, output. Pull-up
resistors are assignable by software.
Port 0 can also be configured as external
interface address line A8–A15
1
8–1
(1, 64–58)
A8–A15
P1.0–P1.7
I/O
Same general characteristics as port 0.
Port 1 can also be configured as external
interface address/data lines AD0–AD7
1
64–57
(57–50)
AD0–AD7
P2.0–P2.3
P2.4–P2.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. P2.0–P2.3 can be
configured for external bus control signals.
P2.4–P2.7 are used for general I/O or for the
ZCD, BUZ, INT2 and INT3
2
3
38–35
(31–28)
34–31
(27–24)
AS, DS
DM, R/W
ZCD, BUZ
INT2, INT3
P3.0–P3.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Each port 3 pin has
an alternative function:
P3.0: PWM0 (PWM0 module output)
P3.1: PWM1 (PWM1 module ouptut)
P3.2: T0 (T0 capture input or PWM output)
P3.3: T0CK (timer 0 external clock input)
P3.4: SCK (SIO module input)
P3.5: SI (SIO module clock I/O)
P3.6: SO (SIO module output)
P3.7: TxD: SO1
(The T0 function for P3.2 is selected using the
T0CON register.)
4
30–22
(23–15)
(See pin
description)
P4.0–P4.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Port 4 pins are used
external interrupts INT4–INT11 or for the
following share functions:
P4.1: RxD (UART module input)
P4.3: CAPA (capture input)
P4.4: TCCK (timer/counter C clock input)
P4.5: TDCK (timer/counter D clock input)
P4.6: TCG (timer C gate input)
P4.7: TDG (timer D gate input)
5
21, 15–9
(14–2)
(See pin
description)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn