Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4708 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C4708
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4708 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PRODUCT OVERVIEW
KS88C4708/C4716/P4716 (Preliminary Spec)
1-6
Table 1-1. KS88C4708/C4716 Pin Descriptions
Pin
Name
Pin
Type
Pin Description
Circuit
Number
Pin
Number
Share
Pins
P0.0–P0.7
I/O
Nibble-programmable I/O port for Schmitt trigger
input or push-pull, open-drain output. Pull-up
resistors are assignable by software.
E
8-1
(2-1,
43-38)
P1.0–P1.5
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 1 pin can also by used as
alternative function (T0, T1CK, T1, BUZ, RxD, TxD)
D
42-37
(37-32)
T0, T1CK,
T1, BUZ,
RxD, TxD
P2.0–P2.7
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 2 pins can also be used as
external interrupt.
D
19-26
(13-20)
INT0-
INT7
P3.0–P3.7
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull output. Pull-up resistors are assignable
by software. Port 3 pins can also be used as A/D
converter by software.
F
29-36
(24-31)
ADC0-
ADC7
P4.0–P4.3
I/O
Bit-programmable I/O port for Schmitt trigger input
or push-pull, open-drain output. Pull-up resistors
are assingable by software.
E
17-16,
10-9
(11-10,
4-3)
P4.4–P4.5
O
Push-pull output only
C
(44, 21)
XIN, XOUT
Crystal or ceramic oscillator signal for system clock.
14, 13
(8, 7)
RESET
I
System reset signal input pin.
B
18 (12)
TEST
I
Test signal input pin (for factory use only; muse be
connected to VSS)
15 (9)
AVREF,
AVSS
A/D converter reference voltage input and ground
27, 28
(22, 23)
VDD, VSS
Voltage input pin and ground
11, 12
(5, 6)
T0
I/O
Timer 0 capture input or PWM output pin
D
42 (37)
P1.0
T1CK
I
Timer 1 external clock input pin
D
41 (36)
P1.1
T1
I/O
Timer 1 capture input or PWM output pin
D
40 (35)
P1.2
BUZ
O
200 Hz-20 KHz frequency output for buzzer sound
D
39 (34)
P1.3
RxD
I/O
UART receive and transmit input or output
D
38 (33)
P1.4
TxD
O
UART transmit output
D
37 (32)
P1.5
INT0-INT7
I
External interrupt input
E
19-26
(13-20)
P2.0-P2.7
ADC0-
ADC7
I
A/D converter input
F
29-36
(24-31)
P3.0-P3.7
NOTE:
Pin numbers shown in parentheses "( )" are for the 44-pin QFP package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn