Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4708 Datasheet(PDF) 1 Page - Samsung semiconductor

No. de Pieza. KS88C4708
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4708 Datasheet(HTML) 1 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
KS88C4708/C4716/P4716 (Preliminary Spec)
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87RC PRODUCT FAMILY
Samsung's new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a
wide range of integrated peripherals, and various mask-programmable ROM sizes.
Timer/counters with selectable operating modes are included to support real-time operations. Many SAM87RC
microcontrollers have an external interface that provides access to external memory and other peripheral devices.
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum six CPU clocks) can be assigned to
one interrupt level at a time.
KS88C4708/C4716 MICROCONTROLLER
The KS88C4708/C4716 single-chip 8-bit microcontroller is designed for useful 10-bit resolution A/D converter,
UART, PWM application field. Its powerful SAM87RC CPU architecture includes. The internal register file is
logically expanded to increase the on-chip register space.
The KS88C4708/C4716 has 8/16 K bytes of on-chip program ROM. Following Samsung's modular design
approach, the following peripherals are integrated with the SAM87RC core:
— Large number of programmable I/O ports (42 SDIP: 34 pins, 44 QFP: 36 pins)
— One asynchronous UART module
— Analog-to-digital converter with eight input channels and 10-bit resolution
— One 8-bit basic timer for watchdog function
— One 8-bit timer/counter with three operating modes (Timer 0)
— One general-purpose 16-bit timer/counters with three operating modes (Timer 1)
The KS88C4708/C4716 is a versatile general-purpose microcontroller that is ideal for use in a wide range of
electronics applications requiring complex timer/counter, PWM, capture, and UART.
It is available in a 42-pin SDIP or 44-pin QFP package.
OTP
The KS88P4716 is an OTP (One Time Programmable) version of the KS88C4708/C4716 microcontroller. The
KS88P4716 microcontroller has an on-chip 16-Kbyte one-time-programmable EPROM instead of a masked
ROM. The KS88P4716 is comparable to the KS88C4708/C4716, both in function in D.C. electrical characteristics
and in pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn