Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C4708 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS88C4708
Descripción  new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C4708 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PRODUCT OVERVIEW
KS88C4708/C4716/P4716 (Preliminary Spec)
1-2
FEATURES
CPU
SAM87RC CPU core
Memory
272-byte general purpose register area
8/16-Kbyte internal program memory
Instruction Set
79 instructions
IDLE and STOP instructions added for
power-down modes
Instruction Execution Time
333 ns at 12 MHz fOSC (minimum)
Interrupts
14 interrupt sources and 14 vectors
Eight interrupt levels
Fast interrupt processing
General I/O
Five I/O ports (total 36 pins)
Four bit-programmable ports
Two n-channel open-drain output port
Timer/Counters
One 8-bit basic timer for watchdog function
One 8-bit timer/counter with three operating
modes (timer 0)
One 16-bit general-purpose timer/counters with
three operation modes (timer 1)
UART
One UART module
Full duplex serial I/O interface with three UART
modes
A/D Converter
Eight analog input pins
10-bit conversion resolution
20 µs conversion time (10 MHz CPU clock)
Buzzer Frequency Output
200 Hz to 20 kHz signal can be generated
Oscillator Frequency
1 MHz to 12 MHz external crystal oscillator
Maximum 12 MHz CPU clock
Operating Temperature Range
– 40°C to + 85°C
Operating Voltage Range
1.8 V to 5.5 V
Package Types
42-pin SDIP, 44-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn