Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C6108 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C6108
Descripción  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C6108 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PRODUCT OVERVIEW
KS88C6108/C6116/P6116 MICROCONTROLLERS
1-6
PIN DESCRIPTIONS
Table 1-1. KS88C6108/C6116/P6116 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
SDIP Pin
Numbers
Shared
Functions
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
I/O
General-purpose, 8-bit I/O port. Share
functions include three external interrupt
inputs, I/O for timers 0 and 1. You can
selectively configure port 0 pins to input or
output mode.
D-1
3
4
5
6
7
8
10
11
INT0
INT1
INT2
T0CAP
T1CK
P1.0–P1.3
I/O
General purpose, 8-bit I/O port. You can
selectively configure port 1 pins to input or
push-pull output mode.
D-1
12–15
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
I/O
General purpose, 8-bit I/O port. You can
selectively configure port 2 pins to input or
output mode. The port 2 pin circuit are
designed to push-pull PWM output and
Csync signal input.
D-1
D-1
D-1
D-1
E-1
E-1
E-1
D-1
16
17
18
19
20
21
22
31
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
Csync-I
P3.0–P3.7
I/O
General-purpose, 8-bit I/O port. You can
selectively configure port 3 pins to input or
output mode.
E
2, 1, 42,
40–36
Hsync-I
Vsync-I
Clamp-O
Hsync-O
Vsync-O
SCL
SDA
I
I
O
O
O
I/O
I/O
The pins are sync processor signal I/O and
IIC-bus clock and data I/O
A
A
A
A
A
G-3
G-3
30
29
28
27
26
25
24
VDD
VSS1, VSS2
Power supply pins
9
32, 41
XIN, XOUT
System clock input and output pins
33, 34
RESET
I
System reset pin
B
35
TEST
I
Factory test pin input
0 V: normal operation
5 V: factory test mode
–23
NOTE: See ‘Pin Circuit Diagrams’ on next two pages for detailed information on circuit types A, B, D-1, E, E-1,and G-3.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn