Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS88C6108 Datasheet(PDF) 14 Page - Samsung semiconductor

No. de pieza KS88C6108
Descripción Electrónicos  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C6108 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KS88C6108 Datasheet HTML 10Page - Samsung semiconductor KS88C6108 Datasheet HTML 11Page - Samsung semiconductor KS88C6108 Datasheet HTML 12Page - Samsung semiconductor KS88C6108 Datasheet HTML 13Page - Samsung semiconductor KS88C6108 Datasheet HTML 14Page - Samsung semiconductor KS88C6108 Datasheet HTML 15Page - Samsung semiconductor KS88C6108 Datasheet HTML 16Page - Samsung semiconductor KS88C6108 Datasheet HTML 17Page - Samsung semiconductor KS88C6108 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ELECTRICAL DATA
KS88C6108/C6116/P6116 MICROCONTROLLERS
16-4
Table 16-3. Data Retention Supply Voltage in Stop Mode
(TA = – 40 °C to + 85 °C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Data retention
supply voltage
VDDDR
Stop mode
2
6
V
Data retention
supply current
IDDDR
Stop mode, VDDDR = 2.0 V
5
µA
NOTES:
1. During the oscillator stabilization wait time (tWAIT), all CPU operations must be stopped.
2. Supply current does not include drawn through internal pull–up resistors and external output current loads.
VDD
RESET
EXECUTION OF
STOP INSTRUCTION
VDDDR
DATA RETENTION MODE
STOP MODE
RESET
OCCURS
NORMAL
OPERATING
MODE
OSCILLATION
STABILIZATION
TIME
tWAIT
NOTE:
tWAIT is the same as 4096
× 32 × 1 / fOSC .
Figure 16-1. Stop Mode Release Timing When Initiated by a Reset
Table 16-4. Input/Output Capacitance
(TA = –40°C to + 85°C, VDD = 0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input
capacitance
CIN
f = 1 MHz; unmeasured pins
are connected to VSS
10
pF
Output
capacitance
COUT
I/O capacitance
CIO


Número de pieza similar - KS88C6108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C6224 SAMSUNG-KS88C6224 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C6232 SAMSUNG-KS88C6232 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
More results

Descripción similar - KS88C6108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com