Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS88C6108 Datasheet(PDF) 15 Page - Samsung semiconductor

No. de pieza KS88C6108
Descripción Electrónicos  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C6108 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button KS88C6108 Datasheet HTML 11Page - Samsung semiconductor KS88C6108 Datasheet HTML 12Page - Samsung semiconductor KS88C6108 Datasheet HTML 13Page - Samsung semiconductor KS88C6108 Datasheet HTML 14Page - Samsung semiconductor KS88C6108 Datasheet HTML 15Page - Samsung semiconductor KS88C6108 Datasheet HTML 16Page - Samsung semiconductor KS88C6108 Datasheet HTML 17Page - Samsung semiconductor KS88C6108 Datasheet HTML 18Page - Samsung semiconductor KS88C6108 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
KS88C6108/C6116/P6116 MICROCONTROLLERS
ELECTRICAL DATA
16-5
Table 16-5. A.C. Electrical Characteristics
(TA = – 40°C to + 85°C, VDD = 4.5 V to 5.5V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Noise Filter
tNF1H,
tNF1L
P0.2–P0.0, T0CAP and
T1CK (RC delay)
300
ns
tNF2
RESET only (RC delay)
800
1 tCPU
tNF1L
tNF1H
0.8 VDD
tNF2
0.2 VDD
NOTE:
The unit tCPU means one CPU clock period.
Figure 16-2. Input Timing Measurement Points for P0.0–P0.2, T0CAP and T1CK


Número de pieza similar - KS88C6108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C6224 SAMSUNG-KS88C6224 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C6232 SAMSUNG-KS88C6232 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
More results

Descripción similar - KS88C6108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com