Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C6108 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS88C6108
Descripción  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Descarga  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C6108 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PRODUCT OVERVIEW
KS88C6108/C6116/P6116 MICROCONTROLLERS
1-2
FEATURES
CPU
SAM8 CPU core
Memory
8/16-Kbyte internal program memory (ROM)
272-byte general-purpose register area
Instruction Set
78 instructions
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
500 ns minimum (with 12 MHz CPU clock)
Interrupts
Nine interrupt sources
Nine interrupt vectors
Six interrupt levels
Fast interrupt processing for a select level
General I/O
Four I/O ports (total 28 pins):
8-Bit Basic Timer
Programmable timer for oscillation stabilization
interval control or watchdog timer functions
Three selectable internal clock frequencies
Timer/Counters
One 8-bit general-purpose timer/counter with
programmable operating modes and the following
clock source options:
— Two selectable internal clock frequencies
One 8-bit timer with interval operating mode
One 8-bit counter with the following clock source
options:
— Two selectable internal clock frequencies
— Hsync (or Csync) input from the sync
processor block
— External clock source
Pulse Width Modulator
Seven 8-bit PWM modules:
— 8-bit basic frame
— Four push-pull and three n-channel,
open-drain output channels
— Selectable clock frequencies: 46.875 kHz at
12 MHz fosc.
Sync Processor
Detection of sync input signals (Vsync-I, Hsync-I,
and Csync-I)
Sync signal separation and output (Hsync-O,
Vsync-O, and Clamp-O)
Pseudo sync signal output
Programmable clamp signal output
DDC and Multi-Master IIC-Bus
Serial peripheral interface
Support for display data channel (DDC)
Oscillator Frequency
6 MHz to 12 MHz external crystal oscillator
Interval Max. 12MHz CPU clock
Operating Temperature Range
•– 40°C to + 85°C
Operating Voltage Range
4.5 V to 5.5 V
Package Types
42-pin SDIP, 44-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn