Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C6216 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C6216
Descripción  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C6216 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS88C6216 Hoja de datos HTML 2Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 3Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 4Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 5Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 6Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 7Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 8Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 9Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRODUCT OVERVIEW
KS88C6216/C6224/C6232/P6232
1-6
PIN DESCRIPTIONS
Table 1-1. KS88C6216/C6224/C6232/P6232 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
SDIP Pin
Numbers
Shared
Functions
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
I/O
General-purpose, 8-bit I/O port. Shared
functions include three external interrupt
inputs and I/O for timer M0 and M1.
Selective configuration of port 0 pins to
input or output mode is supported.
D-1
D-1
D-1
D-1
D-1
D-1
D-1
D-1
1
2
3
4
5
6
7
8
INT0
INT1
INT2
TM0CAP
TM1CK
P1.0
P1.1
P1.2
I/O
General-purpose, 3-bit I/O port. Selective
configuration is available for port 1 pins to
input, push-pull output, n-channel open-
drain mode, or IIC-bus clock and data I/O.
E-1
E-1
E-1
9
10
19
SDA1
SCL1
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
I/O
General-purpose, 8-bit I/O port Selective
configuration of port 2 pins to input or
output mode is supported. The port 2 pin
circuits are designed to push-pull PWM
output and Csync signal input.
D-1
D-1
D-1
D-1
E-1
E-1
E-1
D-1
20
21
22
23
24
25
26
32
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
Csync-I
P3.0–P3.3
P3.4–P3.7
I/O
General-purpose, 8-bit I/O port Selective
configuration port 3 pins to input or output
mode is supported. Multiplexed for
alternative use as A/D converter inputs
AD0–AD3.
D-1
E
35–38,
39–42
AD0–AD3
Hsync-I
Vsync-I
Clamp-O
Hsync-O
Vsync-O
SDA0
SCL0
I
I
O
O
O
I/O
I/O
The pins are sync processor signal I/O, IIC-
bus clock, and data I/O.
A
A
A
A
A
G-3
G-3
31
30
27
28
29
16
17
V
DD, VSS1,
AVREF, V
SS2
Power pins
ADC power pins
11, 12
34, 33
XIN, XOUT
System clock I/O pins
14, 13
RESET
I
System reset pin
B
18
TEST
I
Factory test pin input
0V:Normal operation,5V:Factory test mode
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn