Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C6216 Datasheet(PDF) 1 Page - Samsung semiconductor

No. de Pieza. KS88C6216
Descripción  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C6216 Datasheet(HTML) 1 Page - Samsung semiconductor

  KS88C6216 Hoja de datos HTML 1Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 2Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 3Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 4Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 5Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 6Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 7Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 8Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
KS88C6216/C6224/C6232/P6232
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM8 PRODUCT FAMILY
Samsung's SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide
range of integrated peripherals, in various mask-programmable ROM sizes. Analog its major CPU features are:
— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupt
— Built-in basic timer with watchdog function
The sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum of six CPU clocks) can be assigned to
specific interrupt levels.
KS88C6216/C6224/C6232/P6232 MICROCONTROLLERS
KS88C6216/C6224/C6232/P6232 single-chip 8-bit
microcontrollers are based on the powerful SAM8
CPU architecture. The internal register file is logically
expanded to increase the on-chip register space.
KS88C6216/C6224/C6232/P6232 contain 16/32 K
bytes of on-chip program ROM.
In line with Samsung's modular design approach, the
following peripherals are integrated with the SAM8
core:
— Four programmable I/O ports (total 27 pins)
— One 8-bit basic timer for oscillation stabilization
and watchdog functions
— One 8-bit general-purpose timer/counter with
selectable clock sources
— One 12-bit counter with selectable clock sources,
including Hsync or Csync input
— One interval timer
— PWM block with seven 8-bit PWM circuits
— Sync processor block (for Vsync and Hsync I/O,
Csync input, and Clamp signal output)
— DDC and normal Multi-master IIC-bus
— 4-channel A/D converter (8-bit resolution)
KS88C6216/C6224/C6232/P6232 are a versatile
microcontrollers which are ideal for use in multi-sync
monitors or in general-purpose applications that
require sophisticated timer/counter, PWM, sync
signal processing, A/D converter, and multi-master
IIC-bus support with DDC. They are available in a 42-
pin SDIP or a 44-pin QFP package.
OTP
KS88C6216/C6224/C6232 microcontrollers are also available in OTP (One Time Programmable) version named,
KS88P6232. KS88P6232 microcontroller has an on-chip 32-Kbyte one-time-programmable EPROM instead of
masked ROM. KS88P6232 is comparable to KS88C6216/C6224/C6232, both in function and pin configuration
except its ROM size.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn