Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C6216 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de Pieza. KS88C6216
Descripción  SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C6216 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS88C6216 Hoja de datos HTML 1Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 2Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 3Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 4Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 5Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 6Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 7Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 8Page - Samsung semiconductor KS88C6216 Hoja de datos HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
KS88C6216/C6224/C6232/P6232
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
RESET
P1.0–P1.2
XIN
XOUT
MAIN
OSC
INTERNAL BUS
P2.0
−P2.7
PORT 0
P0.0
−P0.7/INT0 −INT2
PORT 2
8-BIT
PWM
(7-CH)
Sync-
Processor
8-Bit
Counter
(Timer M0)
PORT 1
PWM0
PWM6
Vsync-I
Hsync-I
Csync-I
Vsync-O
Hsync-O
Clamp-O
MT0CAP
12-Blt
Counter
(Timer M1)
MT1CK
ADC
INT0-INT2
VDD, AVREF
VSS1, V SS2
TEST
SAM8 CPU
I/O PORT and INTERRUPT
CONTROL
16/24/32-
Kbyte
ROM
464-Byte
Register File
Multi Master IIC-Bus
and DDC1/2B/2Bi/2B+
Interval
Timer
(Timer M2)
P3.0–P3.7
PORT3
AD0
−AD3
Multi
Master
IIC-Bus
SCL1
SDA1
SCL0
SDA0
Figure 1-1. Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn