Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C8316 Datasheet(PDF) 5 Page - Samsung semiconductor

No. de Pieza. KS88C8316
Descripción  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C8316 Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
KS88C8316/C8324/P8324
PRODUCT OVERVIEW
1-5
Table 1-1. KS88C8316/C8324 Pin Descriptions
Pin Name
Pin
Type
Pin Description
Circuit
Type
Pin
Numbers
Share
Pins
P0.0–P0.7
I/O
General I/O port (8-bit), configurable for
digital input or push-pull output.
3
11–12, 35,
38–42
P1.0–P1.1
I/O
General I/O port (2-bit), configurable for
digital input or n-channel open-drain output.
P1.0–P1.1 can withstand up to 6-volt loads.
Multiplexed for alternative use as external
interrupt inputs INT0–INT1.
7
14–15
INT0–INT1
P1.2–P1.5
General I/O port (4-bit), configurable for
digital input or n-channel open-drain output.
P1.2–P1.5 can withstand up to 6-volt loads.
High current port (10mA).
5
16–19
P1.6–P1.7
General I/O port (2-bit), configurable for
digital input or push-pull output.
3
20, 8
P2.0–P2.4,
P2.6
I/O
General I/O port (6-bit). I/O mode or
n-channel open-drain, push-pull output
mode is software configurable. Pins can
withstand up to 5-volt loads.
P2.2: OTP serial clock pin
P2.3: OTP serial data pin
2
2–7
P2.5, P2.7
General I/O port (2-bit). I/O mode or
n-channel open-drain, push-pull output
mode is software configurable. Pins can
withstand up to 5-volt loads.
Each pin has an alternative function.
P2.5: PWM0 (14-bit PWM output)
P2.7: OSDHT (Halftone signal output)
2
1, 21
PWM0
OSDHT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C8424SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn