Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C8316 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. KS88C8316
Descripción  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C8316 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PRODUCT OVERVIEW
KS88C8316/C8324/P8324
1-6
Table 1-1. KS88C8316/C8324 Pin Descriptions (Continued)
Pin Name
Pin
Type
Pin Description
Circuit
Type
Pin
Numbers
Share
Pins
P3.0–P3.1
I/O
General I/O port (2 bits), configurable for
digital input or n-channel open-drain output.
P3.0–P3.1 can withstand up to 5-volt loads.
Multiplexed for alternative use as external
interrupt inputs ADC0–ADC1.
6
9–10
ADC0
ADC1
PWM0
O
Output pin for 14-bit PWM0 circuit
2
1
P2.5
ADC0–ADC1
I
Analog inputs for 4-bit A/D converter
6
9,10
P3.0–
P3.1
INT0–INT1
I
External interrupt input pins
7
14,15
P1.0–
P1.1
OSDHT
O
Halftone control signal output for OSD
2
21
P2.7
Vblue, Vgreen
Vred, Vblank
O
Digital blue, green, red, and video blank
signal outputs for OSD
4
22–25
H-sync
I
H-sync input for OSD
8
26
V-sync
V-sync input for OSD
27
OSC
IN, OSCOUT
I, O
L-C oscillator pins for OSD clock frequency
generation
28,29
TEST
I
0 V: Normal operation mode
5 V: Factory test mode
12.5 V: OTP write mode
13
X
IN, XOUT
I, O
System clock pins
31, 32
RESET
I
System reset input pin
1
33
V
DD, VSS1, VSS2
Power supply pins
13
CAPA
I
Input for capture A module
8
26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C8424SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn