Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS88C8316 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. KS88C8316
Descripción  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C8316 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PRODUCT OVERVIEW
KS88C8316/C8324/P8324
1-2
FEATURES
CPU
SAM87 CPU core
Memory
16-K byte (KS88C8316) or 24-K byte
(KS88C8324) internal program memory
272-byte general-purpose register area
Instruction Set
78 instructions
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
750 ns (minimum) with an 8-MHz CPU clock
Interrupts
7 interrupt sources with 6 vectors
6 interrupt levels
Fast interrupt processing for select levels
General I/O
Four I/O ports (26 pins total)
Six open-drain pins for up to 6-volt loads
Two open-drain pins for up to 5-volt loads
8-Bit Basic Timer
Three selectable internal clock frequencies
Watchdog or oscillation stabilization function
Timer/Counters
One 8-bit timer/counter (T0) with three internal
clocks and interval timer mode.
One general-purpose 8-bit timer/counters with
interval timer mode (timer A)
A/D Converter
Two analog input pins; 4-bit resolution
3.125 µs conversion time (8-MHz CPU clock)
Pulse Width Modulation Module
14-bit PWM with one-channel output (push-pull
type)
PWM counter and data capture input pin
Frequency: 5.859 kHz to 23.437 kHz with a
6-MHz CPU clock
On-Screen Display (OSD)
Video RAM: 252
× 12 bits
Character generator ROM: 256
× 18 × 16 bits
(256 display characters: fixed: 2, variable: 254)
252 display positions (12 rows
× 21 columns)
16-dot
× 18-dot character resolution
16 different character sizes
Eight character colors
Vertical direction fade-in/fade-out control
Eight colors for character and frame background
Halftone control signal output; selectable for
individual characters
Synchronous polarity selector for H-sync and
V-sync input
Oscillator Frequency
5-MHz to 8-MHz external crystal oscillator
Maximum 8-MHz CPU clock
Operating Temperature Range
– 20°C to + 85°C
Operating Voltage Range
4.5 V to 5.5 V
Package Type
42-pin SDIP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C8424SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn