Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0444720502 Datasheet(Hoja de datos) 1 Page - Molex Electronics Ltd.

No. de Pieza. 0444720502
Descripción  4.20mm (.165") Pitch Mini-Fit HCS Header, Single Row, Vertical, with Snap-in Plastic Peg PCB Lock, 5 Circuits
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0444720502
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit HCS™ Header, Single Row, Vertical, with Snap-in Plastic
Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6 94V-0, with Drain Holes
Documents:
3D Model
Product Specification PS-44476-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
44472
Application
Wire-to-Board
Comments
Square Pin|Solder Type
Product Name
Mini-Fit HCS™
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural (White)
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Plating min: Mating (µin)
101.6
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
11A
Voltage - Maximum
600V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44472Series
Mates With
5557




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl