Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0444722450 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0444722450
Descripción Electrónicos  4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0444722450 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0444722450 Datasheet HTML 1Page - Molex Electronics Ltd. 0444722450 Datasheet HTML 2Page - Molex Electronics Ltd. 0444722450 Datasheet HTML 3Page - Molex Electronics Ltd. 0444722450 Datasheet HTML 4Page - Molex Electronics Ltd. 0444722450 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Reference - Drawing Numbers
Product Specification
PS-44476-001, RPS-44476-001
Sales Drawing
SDA-44472-****
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0444722450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0444722451 MOLEX6-0444722451 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
0444722452 MOLEX6-0444722452 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits
0444722453 MOLEX6-0444722453 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical
0444722454 MOLEX6-0444722454 Datasheet
238Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24
0444722455 MOLEX6-0444722455 Datasheet
238Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com