Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0448120050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0448120050
Descripción Electrónicos  2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 12 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0448120050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0448120050 Datasheet HTML 1Page - Molex Electronics Ltd. 0448120050 Datasheet HTML 2Page - Molex Electronics Ltd. 0448120050 Datasheet HTML 3Page - Molex Electronics Ltd. 0448120050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0448120050
Status:
Active
Description:
2.54mm (.100") Pitch KK® PC Board Receptacle, Top and Bottom Entry, Low Profile,
0.8µm (30µ") Gold (Au), 12 Circuits
Documents:
3D Model
Product Specification PS-44812-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
44812
Application
Board-to-Board
Product Name
KK®
Physical
Circuits (Loaded)
12
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In, 0.093 In
PCB Thickness Recommended (mm)
1.60 mm, 2.40 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
250
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44812Series
Mates With
42153 , 4094 , 42376 , 42375 , 42377 ,
42152 , 40 30


Número de pieza similar - 0448120050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0448120051 MOLEX6-0448120051 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8關m (30關") Gold (Au), 13 Circuits
0448120052 MOLEX6-0448120052 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8關m (30關") Gold (Au), 14 Circuits
0448120053 MOLEX6-0448120053 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 15 Circuits
0448120054 MOLEX6-0448120054 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8關m (30關") Gold (Au), 16 Circuits
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com