Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0444281002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de Pieza. 0444281002
Descripción  3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle, with Snap-in Plastic Peg
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0444281002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µm)
2.54
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44428-001
Product Specification
PS-44300-001, RPS-44300-001
Sales Drawing
SD-44428-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn