Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD-45985-400 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-45985-400 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0459854312 Status: Active Overview: extreme_lphpower Description: 1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower™ Header, Right Angle, 4 Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093") Thick PC Board, with Press-fit Plastic Pegs Documents: 3D Model Product Specification PS-45984-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV 30683046 UL E29179 General Product Family PCB Headers Series 45985 Application Board-to-Board Overview extreme_lphpower Product Name EXTreme LPHPower™ Physical Breakaway No Circuits (Loaded) 16 Circuits (maximum) 16 Circuits Detail 4 Power, 12 Signal Color - Resin Black Durability (mating cycles max) 250 First Mate / Last Break Yes Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part No Material - Metal Brass, High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.142 In PC Tail Length (mm) 3.60 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.093 In PCB Thickness Recommended (mm) 2.36 mm Packaging Type Tray Pitch - Mating Interface (in) 0.050 In, 0.472 In Pitch - Mating Interface (mm) 1.27 mm, 12.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 150, 50 Plating min: Termination (µm) 1.25, 3.75 Polarized to Mating Part Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 45985Series Mates With 45984 EXTreme LPHPower™ PCB Receptacles |
Número de pieza similar - SD-45985-400 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |