Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0557590371 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0557590371
Descripción Electrónicos  7.50mm (.295") Pitch MTC??Right Angle PCB Header, 3 Circuits Version, Black Color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0557590371 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0557590371 Datasheet HTML 1Page - Molex Electronics Ltd. 0557590371 Datasheet HTML 2Page - Molex Electronics Ltd. 0557590371 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0557590371
Status:
Active
Description:
7.50mm (.295") Pitch MTC™ Right Angle PCB Header, 3 Circuits Version, Black Color
Documents:
3D Model
Product Specification PS-51241-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Terminal Blocks
Series
55759
Application
Wire-to-Board
Component Type
PCB Header
Product Name
MTC™
Type
Euro Block
Physical
Circuits (Loaded)
3
Color - Resin
Natural
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.149 In
PC Tail Length (mm)
3.80 mm
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.295 In
Pitch - Mating Interface (mm)
7.50 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
400V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51241-005, RPS-51241-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55759Series
Mates With
51241 , 54928


Número de pieza similar - 0557590371

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0557590370 MOLEX7-0557590370 Datasheet
140Kb / 3P
   7.50mm (.295") Pitch MTC??Right Angle PCB Header, 3 Circuits Version, White Color
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com