Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0554821119 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0554821119 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0554821119 Status: Active Overview: mini_mi_ii Description: 1.25mm (.049") Pitch Mini Mi II™ Wire-to-Wire Adapter, 11 Circuits, Lead-free Documents: 3D Model Product Specification PS-55482-006 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Accessories Series 55482 Comments For Panel Mounting Component Type Adapter Overview mini_mi_ii Product Name Mini Mi II™ Physical Circuits (Loaded) 11 Color - Resin Natural Gender Male Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Packaging Type Bag Plating min: Mating (µin) 40 Plating min: Mating (µm) 1.00 Plating min: Termination (µin) 40 Plating min: Termination (µm) 1.00 Temperature Range - Operating -20°C to +80°C Electrical Current - Maximum per Contact 1.5A Material Info Reference - Drawing Numbers Packaging Specification SPK-55482-001 Product Specification PS-55482-006 Sales Drawing SD-55482-004 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 55482Series Use With 54596 This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Número de pieza similar - 0554821119 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |