Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0555600407 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

No. de pieza 0555600407
Descripción Electrónicos  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 40 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0555600407 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0555600407 Datasheet HTML 1Page - Molex Electronics Ltd. 0555600407 Datasheet HTML 2Page - Molex Electronics Ltd. 0555600407 Datasheet HTML 3Page - Molex Electronics Ltd. 0555600407 Datasheet HTML 4Page - Molex Electronics Ltd. 0555600407 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Número de pieza similar - 0555600407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0555600168 MOLEX7-0555600168 Datasheet
95Kb / 3P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 16 Circuits
0555600207 MOLEX7-0555600207 Datasheet
241Kb / 5P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 20 Circuits
0555600227 MOLEX7-0555600227 Datasheet
241Kb / 5P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 22 Circuits
0555600228 MOLEX11-0555600228 Datasheet
220Kb / 3P
   0.5 B-TO-B CONN PLUG ASSY (HGT=1.5)
0555600247 MOLEX7-0555600247 Datasheet
242Kb / 5P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 24 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com