Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0554600472 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. 0554600472
Descripción  2.00mm (.079") Pitch Mi ll™ System Wire-to-Board Header, Surface Mount, SingleRow, Vertical, Lead-free, 4 Circuits
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0554600472 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0554600472
Status:
Active
Description:
2.00mm (.079") Pitch Mi ll™ System Wire-to-Board Header, Surface Mount, Single
Row, Vertical, Lead-free, 4 Circuits
Documents:
3D Model
Product Specification PS-52484-022 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51090-017 (PDF)
General
Product Family
PCB Headers
Series
55460
Application
Wire-to-Board
Product Name
Mi II™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-017, PS-52484-022, RPS-51090-026
Sales Drawing
SD-55460-010, SD-55460-011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55460Series
Mates With
52484 IDT Receptacle Housing. 51090
Wire-to-Board Receptacle
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn