Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0537480708 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0537480708
Descripción Electrónicos  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm(.118") Stack Height, 70 Circuits, without Vacuum Pick-up Tape
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0537480708 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0537480708 Datasheet HTML 1Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 2Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 3Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 4Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 5Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 6Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 7Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 8Page - Molex Electronics Ltd. 0537480708 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0537480708

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0537480208 MOLEX7-0537480208 Datasheet
535Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm (.118") Stack Height, 20 Circuits, without Vacuum Pick-up Tape
0537480308 MOLEX7-0537480308 Datasheet
535Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm (.118") Stack Height, 30 Circuits, without Vacuum Pick-up Tape
0537480408 MOLEX7-0537480408 Datasheet
535Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm118") Stack Height, 40 Circuits, without Vacuum Pick-up Tape
0537480608 MOLEX7-0537480608 Datasheet
534Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm(.118") Stack Height, 60 Circuits, without Vacuum Pick-up Tape
0537480808 MOLEX7-0537480808 Datasheet
535Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm (.118") Stack Height, 80 Circuits, without Vacuum Pick-up Tape
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com