Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0543630489 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

No. de pieza 0543630489
Descripción Electrónicos  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 40 Circuits, Leadfree
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0543630489 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0543630489 Datasheet HTML 1Page - Molex Electronics Ltd. 0543630489 Datasheet HTML 2Page - Molex Electronics Ltd. 0543630489 Datasheet HTML 3Page - Molex Electronics Ltd. 0543630489 Datasheet HTML 4Page - Molex Electronics Ltd. 0543630489 Datasheet HTML 5Page - Molex Electronics Ltd. 0543630489 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Número de pieza similar - 0543630489

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0543630289 MOLEX7-0543630289 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 20 Circuits, Leadfree
0543630389 MOLEX7-0543630389 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 30 Circuits, Leadfree
0543630589 MOLEX7-0543630589 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00 and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 50 Circuits, Leadfree
0543630689 MOLEX7-0543630689 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00 and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 60 Circuits, Leadfree
0543630778 MOLEX7-0543630778 Datasheet
405Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 70 Circuits, Leadfree
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com