Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0526742091 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0526742091
Descripción Electrónicos  2.00mm (.079") Pitch LCD Pin Connector, Black, 20 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0526742091 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0526742091 Datasheet HTML 1Page - Molex Electronics Ltd. 0526742091 Datasheet HTML 2Page - Molex Electronics Ltd. 0526742091 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0526742091
Status:
Active
Description:
2.00mm (.079") Pitch LCD Pin Connector, Black, 20 Circuits
Documents:
3D Model
Product Specification PS-52674-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
52674
Component Type
Socket
Product Name
N/A
Physical
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
10
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
N/A
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Temperature Range - Operating
-40°C to +100°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-52674-002
Sales Drawing
SD-52674-**21, SD-52674-**91
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52674Series
Mates With
LCD Pin (0.3 x 0.5)
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0526742091

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0526741091 MOLEX7-0526741091 Datasheet
191Kb / 3P
   2.00mm (.079") Pitch LCD Pin Connector, Black, 10 Circuits
0526741290 MOLEX7-0526741290 Datasheet
172Kb / 3P
   2.00mm (.079") Pitch LCD Pin Connector, White, 12 Circuits
0526741291 MOLEX7-0526741291 Datasheet
191Kb / 3P
   2.00mm (.079") Pitch LCD Pin Connector, Black, 12 Circuits
0526741391 MOLEX7-0526741391 Datasheet
191Kb / 3P
   2.00mm (.079") Pitch LCD Pin Connector, Black, 13 Circuits
0526741491 MOLEX7-0526741491 Datasheet
191Kb / 3P
   2.00mm (.079") Pitch LCD Pin Connector, Black, 14 Circuits
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com