Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0536250974 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

No. de pieza 0536250974
Descripción Electrónicos  0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 90 Circuits, with Embossed Tapewith Cover Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0536250974 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0536250974 Datasheet HTML 1Page - Molex Electronics Ltd. 0536250974 Datasheet HTML 2Page - Molex Electronics Ltd. 0536250974 Datasheet HTML 3Page - Molex Electronics Ltd. 0536250974 Datasheet HTML 4Page - Molex Electronics Ltd. 0536250974 Datasheet HTML 5Page - Molex Electronics Ltd. 0536250974 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Número de pieza similar - 0536250974

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0536250374 MOLEX7-0536250374 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 30 Circuits, with Embossed Tapewith Cover Packaging
0536250474 MOLEX7-0536250474 Datasheet
397Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 6 Circuits
0536250574 MOLEX7-0536250574 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 50 Circuits, with Embossed Tapewith Cover Packaging
0536250874 MOLEX7-0536250874 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 80 Circuits, with Embossed Tape with Cover Packaging
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com