Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S3C8095 Datasheet(PDF) 5 Page - Samsung semiconductor

No. de Pieza. S3C8095
Descripción  S3C8-SERIES MICROCONTROLLERS
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

S3C8095 Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
S3C8095/P8095
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin No.
Shared
Functions
P0.0–P0.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors are assignable by
software. Pins can be assigned individually
as external interrupt inputs with noise filters,
interrupt enable/ disable, and interrupt
pending control.
1
9–16
INT0–INT4
P1.0–P1.7
I/O
I/O port with bit-programmable pins.
Configurable to Schmitt trigger input mode
or output mode. Pin circuits are either push-
pull or n-channel open-drain type. Pull-up
resistors are assignable by software.
3
17–24
P2.0–P2.3
P2.4–P2.7
I/O
General-purpose I/O port with bit-
programmable pins. Configurable to
Schmitt trigger input mode, push-pull output
mode, or n-channel open-drain output
mode. Pull-up resistors are assignable by
software. Lower nibble pins, P2.3–P2.0, can
be assigned as external interrupt inputs with
noise filters, interrupt enable/disable, and
interrupt pending control.
2
3
5–8,
25–28
INT5–INT8
P3.0
P3.1
I/O
2-bit I/O port with bit-programmable pins.
Configurable to Schmitt trigger input mode,
push-pull output mode, or n-channel open-
drain output mode. Pull-up resistors are
assignable by software. The two port 3 pins
have high current drive capability.
4
29
30
T0PWM/
T0CAP/
T1CAP/
REM/T0CK
XIN, XOUT
System clock input and output pins
2, 3
RESET
I
System reset signal input pin with schmitt
trigger circuit.
5
31
TEST
I
Test signal input pin (for factory use only;
must be connected to VSS).
4
VDD
Power supply input pin
32
V
SS
Ground pin
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn