Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S3C80A4 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de pieza S3C80A4
Descripción Electrónicos  S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C80A4 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C80A4 Datasheet HTML 2Page - Samsung semiconductor S3C80A4 Datasheet HTML 3Page - Samsung semiconductor S3C80A4 Datasheet HTML 4Page - Samsung semiconductor S3C80A4 Datasheet HTML 5Page - Samsung semiconductor S3C80A4 Datasheet HTML 6Page - Samsung semiconductor S3C80A4 Datasheet HTML 7Page - Samsung semiconductor S3C80A4 Datasheet HTML 8Page - Samsung semiconductor S3C80A4 Datasheet HTML 9Page - Samsung semiconductor S3C80A4 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PRODUCT OVERVIEW
S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5
1-6
PIN CIRCUITS
VDD
Pull-up
Enable
VDD
Input/Output
Pull-up
Resistor
Output
Disable
Data
VSS
Noise
filter
External
Interrupt
Stop
INTR (Interrupt with
RESET)
Figure 1-3. Pin Circuit Type 1 (Port 0)
NOTE
Interrupt with reset (INTR) is assigned to port 0 of S3C80A4/C80A8/C80A5/C80B4/C80B8/C80B5.
It is designed to release stop status with reset. When the falling/rising edge is detected at any pin of Port
0 during stop status, non vectored interrupt INTR signal occurs, after then system reset occurs
automatically. It is designed for a application which are using “stop mode” like remote controller. If stop
mode is not used, INTR do not operates and it can be discarded.


Número de pieza similar - S3C80A4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S3C8075 SAMSUNG-S3C8075 Datasheet
1Mb / 208P
   SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C80C5 SAMSUNG-S3C80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C80C8 SAMSUNG-S3C80C8 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
More results

Descripción similar - S3C80A4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com