Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0530470710 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0530470710
Descripción Electrónicos  1.25mm (.049") Pitch PicoBlade??Wire-to-Board Header, Vertical, with Friction Lock, 7Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0530470710 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0530470710 Datasheet HTML 1Page - Molex Electronics Ltd. 0530470710 Datasheet HTML 2Page - Molex Electronics Ltd. 0530470710 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0530470710
Status:
Active
Overview:
picoblade
Description:
1.25mm (.049") Pitch PicoBlade™ Wire-to-Board Header, Vertical, with Friction Lock, 7
Circuits
Documents:
3D Model
Product Specification PS-51021-010 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
53047
Application
Wire-to-Board
Overview
picoblade
Product Name
PicoBlade™
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.205 In
Mated Height (mm)
5.20 mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.091 In
PC Tail Length (mm)
2.30 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.031 In
PCB Thickness Recommended (mm)
0.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53047
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53047Series
Mates With
51021 PicoBlade™ Wire-to-Wire


Número de pieza similar - 0530470710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0530470710 MOLEX1-0530470710_17 Datasheet
35Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Board Header, Vertical, with Friction Lock, 7
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com