Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0525841279 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

No. de pieza 0525841279
Descripción Electrónicos  1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.00,9.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 120 CircuitsLead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0525841279 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0525841279 Datasheet HTML 1Page - Molex Electronics Ltd. 0525841279 Datasheet HTML 2Page - Molex Electronics Ltd. 0525841279 Datasheet HTML 3Page - Molex Electronics Ltd. 0525841279 Datasheet HTML 4Page - Molex Electronics Ltd. 0525841279 Datasheet HTML 5Page - Molex Electronics Ltd. 0525841279 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Número de pieza similar - 0525841279

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0525841079 MOLEX7-0525841079 Datasheet
407Kb / 6P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.00,9.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 100 Circuits,Lead-free
0525841479 MOLEX7-0525841479 Datasheet
407Kb / 6P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 140 CircuitsLead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com