Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S3C9432 Datasheet(PDF) 1 Page - Samsung semiconductor

No. de Pieza. S3C9432
Descripción  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

S3C9432 Datasheet(HTML) 1 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S3C9432/C9434/P9434
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung's SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide
range of integrated peripherals, and various mask-programmable ROM sizes.
A address/data bus architecture and a large number of bit-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating
modes are included to support real-time operations.
S3C9432/C9434 MICROCONTROLLER
The S3C9432/C9434 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is built
around the powerful SAM87Ri CPU core. The S3C9432/C9434 is a versatile microcontroller, with its A/D
converter, timer, PWM, and SIO it can be used in a wide range of general purpose applications.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The S3C9432/C9434 have 2K-bytes or 4K-
bytes of program memory on-chip (ROM) and 112-bytes of general purpose register area RAM.
Using the SAM87Ri design approach, the following peripherals were integrated with the SAM87Ri core:
— Three configurable I/O ports (13 pins)
— Five interrupt sources with one vector and one interrupt level
— One 8-bit timer/counter with time interval mode
— Analog to digital converter with five input channels and 10-bit resolution
— One synchronous SIO module
— One 12-bit PWM output
The S3C9432/C9434 microcontroller is ideal for use in a wide range of electronic applications requiring simple
timer/counter, PWM, ADC, and SIO. S3C9432/C9434 is available in a 20/18/16-pin DIP and a 20-pin SOP
package.
OTP
The S3P9434 is an OTP (One Time Programmable) version of the S3C9432/C9434 microcontroller. The
S3P9434 has on-chip 4K-byte one-time-programmable EPROM instead of masked ROM. The S3P9434 is fully
compatible with the S3C9432/C9434, in function, in D.C. electrical characteristics and in pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
S3C9004SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9404SAM87Ri family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9424SAM87Ri family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9614SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
S3C9644SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn