Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S3C9432 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. S3C9432
Descripción  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

S3C9432 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
PRODUCT OVERVIEW
S3C9432/C9434/P9434
1-2
FEATURES
CPU
SAM87RI CPU core
Memory
2/4K-byte internal program memory (ROM)
112-byte general purpose register area (RAM)
Instruction Set
41 instructions
The SAM87RI core provides all the SAM87 core
instruction except the word-oriented instruction,
multiplication, division, and some one-byte
instruction.
Instruction Execution Time
600 ns at 10 MHz fOSC (minimum cycles)
375 ns at 16 MHz fOSC (minimum cycles)
Interrupts
5 interrupt sources with one vector and one
level interrupt structure
General I/O
Two I/O ports (Toatal 13 pins)
One output only port (port 2)
Bit programmable ports
Serial I/O
One synchronius serial I/O module
Selectable transmit and receive rates
Built-in reset Circuit (LVD)
Low voltage detector for safe reset
Timer/Counters
One 8-bit basic timer for watchdog function
One 8-bit timer/counter for the time interval
mode
PWM Module
12-bit PWM 1-ch (Max: 250 kHz)
6-bit base + 6-bit extension frame
A/D Converter
Five analog input pins
10-bit conversion resolution
Buzzer Frequency Range
200 Hz to 20 kHz signal can be generated
Oscillation Frequency
1 MHz to 16 MHz external crystal oscillator
Maximum 16 MHz CPU clock
4 MHz RC oscillator
Operating Temperature Range
- 40°C to + 85°C
Operating Voltage Range
3.0 V to 5.5 V
OTP Interface Protocol Spec
Serial OTP
Package Types
20-pin DIP-300
20-pin SOP-375
18-pin DIP-300
16-pin DIP-300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
S3C9004SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9404SAM87Ri family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9424SAM87Ri family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
S3C9614SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
S3C9644SAM87RI family of 8-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn