Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0536470274 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. 0536470274
Descripción  0.635mm (.025") Pitch SlimStack™ Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuitswith Embossed Tape with Cover Packaging
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0536470274 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0536470274
Status:
Active
Overview:
slimstack_0635mm_025_pitch
Description:
0.635mm (.025") Pitch SlimStack™ Header, Surface Mount, Dual Row, Vertical
Stacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuits,
with Embossed Tape with Cover Packaging
Documents:
3D Model
Product Specification PS-52760-015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
53647
Application
Board-to-Board
Comments
Stacking-Type
MolexKits
Yes
Overview
slimstack_0635mm_025_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
20
Color - Resin
Brown
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.315 In, 0.551 In
Mated Height (mm)
14.00 mm, 8.00 mm
Material - Metal
Brass, Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Polarized to PCB
Yes
Robotic Placement
Metal Cap
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-53647-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53647Series
Mates With
SlimStack™ Receptacle 52760 , 52837 ,
52885 , 52901


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn