Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S524A40X21 Datasheet(PDF) 3 Page - Samsung semiconductor

No. de pieza S524A40X21
Descripción Electrónicos  1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524A40X21 Datasheet(HTML) 3 Page - Samsung semiconductor

  S524A40X21 Datasheet HTML 1Page - Samsung semiconductor S524A40X21 Datasheet HTML 2Page - Samsung semiconductor S524A40X21 Datasheet HTML 3Page - Samsung semiconductor S524A40X21 Datasheet HTML 4Page - Samsung semiconductor S524A40X21 Datasheet HTML 5Page - Samsung semiconductor S524A40X21 Datasheet HTML 6Page - Samsung semiconductor S524A40X21 Datasheet HTML 7Page - Samsung semiconductor S524A40X21 Datasheet HTML 8Page - Samsung semiconductor S524A40X21 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DATA SHEET
S524A40X11/40X21/40X41/60X81/60X51 SERIAL EEPROM
1-3
S524A40X11/40X21/
40X41/60X81/60X51
VCC
WP
SCL
SDA
A0
A1
A2
VSS
NOTE:
The S524A40X11/40X21/40X41/60X81/60X51
is available in 8-pin DIP, SOP, and TSSOP package.
Figure 1-2. Pin Assignment Diagram
Table 1-1. S524A40X11/40X21/40X41/60X81/60X51 Pin Descriptions
Name
Type
Description
Circuit
Type
A0, A1, A2
Input
Input pins for device address selection. To configure a device address,
these pins should be connected to the V
CC or VSS of the device.
These pins are internally pulled down to V
SS.
1
V
SS
Ground pin.
SDA
I/O
Bi-directional data pin for the I
2C-bus serial data interface. Schmitt
trigger input and open-drain output. An external pull-up resistor must
be connected to V
CC. Typical values for this pull-up resistor are 4.7 kΩ
(100 kHz) and 1 k
Ω (400 kHz).
3
SCL
Input
Schmitt trigger input pin for serial clock input.
2
WP
Input
Input pin for hardware write protection control. If you tie this pin to V
CC,
the write function is disabled to protect previously written data in the
entire memory; if you tie it to V
SS, the write function is enabled.
This pin is internally pulled down to V
SS.
1
V
CC
Single power supply.
NOTE: See the following page for diagrams of pin circuit types 1, 2, and 3.


Número de pieza similar - S524A40X21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S524A40X20 SAMSUNG-S524A40X20 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
More results

Descripción similar - S524A40X21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com