Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0538850608 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

No. de pieza 0538850608
Descripción Electrónicos  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 60 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0538850608 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  0538850608 Datasheet HTML 1Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 2Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 3Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 4Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 5Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 6Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 7Page - Molex Electronics Ltd. 0538850608 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Número de pieza similar - 0538850608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0538850408 MOLEX7-0538850408 Datasheet
363Kb / 8P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 40 Circuits
0538850508 MOLEX7-0538850508 Datasheet
363Kb / 8P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 50 Circuits
0538850708 MOLEX7-0538850708 Datasheet
363Kb / 8P
   0.50mm (.020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com