Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0539840671 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. 0539840671
Descripción  2.00mm (.079") Pitch IEEE 1394-1995 Shielded I/O PCB Socket, Right Angle, Flat,Lead-free
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0539840671 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0539840671
Status:
Active
Overview:
ieee_1394
Description:
2.00mm (.079") Pitch IEEE 1394-1995 Shielded I/O PCB Socket, Right Angle, Flat,
Lead-free
Documents:
3D Model
Product Specification PS-54030-035 (PDF)
Drawing (PDF)
Product Specification PS-54030-036 (PDF)
Product Specification PS-51145-001 (PDF)
Product Specification PS-54030-038 (PDF)
Product Specification PS-53460-005 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-53460-006 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
53984
Application
Wire-to-Board
Component Type
Receptacle
Overview
ieee_1394
Product Name
IEEE 1394
Type
N/A
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Flammability
94V-0
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold, Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30.4, 80.00
Plating min: Mating (µm)
0.76, 2.000
Plating min: Termination (µin)
122, 80.00
Plating min: Termination (µm)
2.00, 3.05
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53984Series
Mates With
59233-0xxx , 59233-3xxx , 59233-5xxx ,
59233-7xxx , 592 33-6xxx


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn