Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0705530002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0705530002
Descripción Electrónicos  2.54mm (.100") Pitch SL??Header, Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0705530002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0705530002 Datasheet HTML 1Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 2Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 3Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 4Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 5Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 6Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 7Page - Molex Electronics Ltd. 0705530002 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0705530002
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Header, Low Profile, Single Row, Right Angle, .120" Pocket,
Shrouded, 3 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating, Tin (Sn) PC Tail
Plating
Documents:
3D Model
Product Specification PS-70400 (PDF)
Drawing (PDF)
Product Specification PS-70541 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70553
Application
Wire-to-Board
MolexKits
Yes
Overview
cgrid__sl_products
Product Name
SL™
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70553Series
Mates With
70066n , 70066g , 70430g , 70400g Housing


Número de pieza similar - 0705530002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0705530001 MOLEX8-0705530001 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" PocketShrouded, 2 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
0705530003 MOLEX8-0705530003 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket,Shrouded, 4 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705530004 MOLEX8-0705530004 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" PocketShrouded, 5 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
0705530005 MOLEX8-0705530005 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 6 Circuits
0705530006 MOLEX8-0705530006 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" PocketShrouded, 7 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com