Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0743000123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0743000123
Descripción Electrónicos  2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0743000123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0743000123 Datasheet HTML 1Page - Molex Electronics Ltd. 0743000123 Datasheet HTML 2Page - Molex Electronics Ltd. 0743000123 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
76
Shielded
Yes
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-73780-999
Sales Drawing
SD-74300-004
HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0743000123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0743000127 MOLEX8-0743000127 Datasheet
157Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, with Guide
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com