Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-74095-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-74095-001
Descripción Electrónicos  2.54mm (.100") Pitch SL??Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

SD-74095-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-74095-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-74095-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-74095-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-74095-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740950034
Status:
Active
Description:
2.54mm (.100") Pitch SL™ Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.38µm
(15µ") Gold (Au) Selective Plating over Tin (Sn) Plating
Documents:
Drawing (PDF)
Product Specification PS-74095-001 (PDF)
Product Specification PS-70400 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
74095
Application
Wire-to-Board
Product Name
SL™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.174 In
PC Tail Length (mm)
4.41 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74095Series


Número de pieza similar - SD-74095-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-74026-001 MOLEX8-SD-74026-001 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle
SD-74031-005 MOLEX8-SD-74031-005 Datasheet
215Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughter card Receptacle
SD-74057-002 MOLEX8-SD-74057-002 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
SD-74058-002 MOLEX8-SD-74058-002 Datasheet
337Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
SD-74061-002 MOLEX8-SD-74061-002 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com