Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA-73644-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SDA-73644-0003
Descripción Electrónicos  2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

SDA-73644-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-73644-0003 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-73644-0003 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-73644-0003 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-73644-0003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0736440003
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, Press-
Fit, Guide Post Location A, Polarizing Key Position B, 72 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
73644
Application
Backplane
Comments
Standard Press-Fit
Component Type
PCB Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Black, Natural
Durability (mating cycles max)
250
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Columns
12
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.098 In
PCB Thickness Recommended (mm)
2.50 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73644Series
Mates With
73632 HDM PLUS® Board-to-Board
Daughtercard Receptacle. 73780 HDM®
Board-to-Board Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Flat Rock Tooling for
Pneumatic Press
0622013700
HDM® Backplane
Insertion Signal
Contact Tool
0621001400
Extraction Tool
0621001000


Número de pieza similar - SDA-73644-0003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SDA-73644-0011 MOLEX8-SDA-73644-0011 Datasheet
178Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com